Part Number Hot Search : 
MSM6950B 25HF120 LL55C3V9 B4146 BUX77 AM79R79 74HC74 N60C3
Product Description
Full Text Search
 

To Download IRM-2656 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet Infrared Remote-control Receiver Module
IRM-26xx SERIES
Features
High protection ability against EMI . Circular lens to improve the receive characteristic. Line-up for various center carrier frequencies. Low voltage and low power consumption. High immunity against ambient light. Photodiode with integrated circuit. TTL and CMOS compatibility. Long reception distance. High sensitivity. Pb free. The product itself will remain within RoHS compliant version.
Descriptions
The device is a miniature type infrared remote control system receiver which has been developed and designed by utilizing the most updated IC technology. The PIN diode and preamplifier are assembled on lead frame, the epoxy package is designed as an IR filter. The demodulated output signal can directly be decoded by a microprocessor.
Applications
1. Optical switch 2. Light detecting portion of remote control AV instruments such as Audio, TV, VCR, CD, MD, etc. Home appliances such as Air-conditioner, Fan , etc. The other equipments with wireless remote control. CATV set top boxes Multi-media Equipment
PART Chip Lead Frame Package
MATERIAL Silicon SPCC Epoxy
COLOR --Silver white Black
Everlight Electronics Co., Ltd. Device NoDMO-026-180
http:\\www.everlight.com Prepared date07-20-2005
Rev 3
Page: 1 of 9
Prepared byCarryll Hsu
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-26xx SERIES
Package Dimensions
OUT GND Vcc
Notes: 1.All dimensions are in millimeters. 2.Tolerances unless dimensions 0.3mm.
Available Types For Different Carrier Frequencies
Type IRM-2633 IRM-2638 IRM-2640 IRM-2656 Carrier Frequencies (Typ) 33 kHz 38 kHz 40 kHz 56 kHz
Everlight Electronics Co., Ltd. Device NoDMO-026-180
http:\\www.everlight.com Prepared date07-20-2005
Rev 3
Page: 2 of 9
Prepared byCarryll Hsu
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-26xx SERIES
Absolute Maximum Ratings (Ta=25)
Parameter Supply Voltage Operating Temperature Storage Temperature Soldering Temperature Symbol Vcc Topr Tstg Tsol Rating 0~6 -25 ~ +85 -40 ~ +85 260 Unit V 4mm from mold body less than 10 seconds Notice
Recommended Operating Condition
Supply Voltage Rating: Vcc 4.5V to 5.5V
Electro-Optical Characteristics (Ta=25, and Vcc=5.0V)
Parameter Consumption Current Peak Wavelength Reception Distance Half Angle(Horizontal) Half Angle(Vertical) High Level Pulse Width Low Level Pulse Width High Level Output Voltage Low Level Output Voltage Symbol Icc p L0 L45 h v TH TL VH VL MIN. ----14 6 ----400 400 4.5 --TYP. 1.2 940 ----45 45 ------0.2 MAX. ------------800 800 --0.5 deg deg s s V V At the ray axis *2 At the ray axis *1 Unit mA nm m Condition No signal input
*1:The ray receiving surface at a vertex and relation to the ray axis in the range of = 0 and =45. *2:A range from 30cm to the arrival distance. Average value of 50 pulses.
Everlight Electronics Co., Ltd. Device NoDMO-026-180 http:\\www.everlight.com Prepared date07-20-2005 Rev 3 Page: 3 of 9
Prepared byCarryll Hsu
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-26xx SERIES
Test Method
The specified electro-optical characteristics is satisfied under the following Conditions at the controllable distance. Measurement place A place that is nothing of extreme light reflected in the room. External light Project the light of ordinary white fluorescent lamps which are not high Frequency lamps and must be less then 10 Lux at the module surface. (Ee10Lux) Standard transmitter A transmitter whose output is so adjusted as to Vo=400mVp-p and the output Wave form shown in Fig.-1.According to the measurement method shown in Fig.-2 the standard transmitter is specified. However , the infrared photodiode to be used for the transmitter should be p=940nm,=50nm. Also, photodiode is used of PD438B(Vr=5V). Measuring system According to the measuring system shown in Fig.-3
Fig.-1
Transmitter Wave Form
D.U.T output Pulse
Carrier frequency is adjusted to center frequency of each product.
OUTPUT PULSE OF DEVICE
IR TANSMITTER OUTPUT WAVE FORM
Duty=0.5
Everlight Electronics Co., Ltd. Device NoDMO-026-180
http:\\www.everlight.com Prepared date07-20-2005
Rev 3
Page: 4 of 9
Prepared byCarryll Hsu
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-26xx SERIES
Fig.-2 Measuring Method
20cm 10k +5.0 0.1V
L: Transmission Distance
Fig.-3
Measuring System
10uF

Vcc OUT D.U.T
Vout
Standard Transmitter
Standard Transmitter
100k
Vout GND
Oscilloscope
: Angle Of Horizontal & Vertical Direction
Block Diagram
Vs
IN Input CGA & filter Demodulator
OUT C
Oscillator
Carrier frequency f0
AGC/ATC & digital control
Modulated IR signal min 10 pulses
GND
Application Circuit
RC Filter should be connected closely between Vcc pin and GND pin.
Everlight Electronics Co., Ltd. Device NoDMO-026-180 http:\\www.everlight.com Prepared date07-20-2005 Rev 3 Page: 5 of 9
Prepared byCarryll Hsu
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-26xx SERIES
Typical Electro-Optical Characteristics Curves
Fig.-4 Relative Spectral Sensitivity vs. Wavelength Fig.-5 Relative Transmission Distance vs. Direction
Fig.-6 Arrival Distance vs. Ambient Temperature
17.5
Fig.-7 Arrival Distance vs. Supply Voltage
17.0 14.0 10.5 7.0 3.5
Transmission Distance Lc (m)
10.5 7.0 3.5
Transmission Distance Lc (m)
14.0
Ambient Temperature Ta (C)
Supply Voltage Vcc (V)
Fig.-8 Relative Transmission Distance vs. Center Carrier Frequency IRM-2633 IRM-2638
Relative Transmission Distance (%)
Relative Transmission Distance (%)
Center Carrier Frequency (kHz)
Center Carrier Frequency (kHz)
Everlight Electronics Co., Ltd. Device NoDMO-026-180
http:\\www.everlight.com Prepared date07-20-2005
Rev 3
Page: 6 of 9
Prepared byCarryll Hsu
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-26xx SERIES
Typical Electro-Optical Characteristics Curves
Fig.-8 Relative Transmission Distance vs. Center Carrier Frequency IRM-2640 IRM-2656
Relative Transmission Distance (%)
Relative Transmission Distance (%)
Center Carrier Frequency (kHz)
Center Carrier Frequency (kHz)
Fig.-9 Relative Transmission Distance vs. Center Carrier Frequency
Output Pulse Width (sec)
Transmission Distance Lc (m)
Everlight Electronics Co., Ltd. Device NoDMO-026-180
http:\\www.everlight.com Prepared date07-20-2005
Rev 3
Page: 7 of 9
Prepared byCarryll Hsu
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-26xx SERIES
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below. Confidence level90% LTPD10% Test Items Test Conditions 1 cycle Temperature cycle -25 +85 n=22,c=0 Failure Judgement Criteria Samples(n) Defective(c)
(30min)(5min)(30min) 300 cycle test Temp: +85
High temperature test Vcc:5V 1000hrs Low temperature storage High temperature High humidity Temp: -40 1000hrs Ta: 85,RH:85% 1000hrs Temp: 2605 10sec 4mm From the bottom of the package.
L0 Lx0.8 L45 Lx0.8
n=22,c=0
n=22,c=0 L: Lower specification limit n=22,c=0
Solder heat
n=22,c=0
Everlight Electronics Co., Ltd. Device NoDMO-026-180
http:\\www.everlight.com Prepared date07-20-2005
Rev 3
Page: 8 of 9
Prepared byCarryll Hsu
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-26xx SERIES
Packing Quantity Specification
1. 1500 PCS/1Box 2. 10 Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number P/N : Production Number QTY: Packing Quantity CAT: Ranks HUE: Peak Wavelength REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place
RoHS
IRM-2638
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
Everlight Electronics Co., Ltd. Device NoDMO-026-180
http:\\www.everlight.com Prepared date07-20-2005
Rev 3
Page: 9 of 9
Prepared byCarryll Hsu


▲Up To Search▲   

 
Price & Availability of IRM-2656

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X